PART |
Description |
Maker |
EPM9320ARI208-10 |
MAX 9000 Programmable Logic Device (PLD) Family; 11/4/2008; MAX II CPLDs
|
Altera Corporation
|
EPM3064XXX |
MAX 3000A Programmable Logic Device Family
|
Altera Corporation
|
EPF6016TC1 EPF6016TC144-3 EPF6016ATC144-2 EPF6016A |
Programmable Logic Device Family Flex 6000 Device Family (5.0V)
|
ALTERA
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
EPC2LI20 EPC1441PI8 EPC2 EPC8 |
Configuration Devices For SRAM-based Lut Devices, 440,800 1-bit Device With 5.0-V or 3.3-V Operation Configuration Device Family
|
Altera Corporation
|
X25020 X25020P X25020P-2.7 X25020P-3 X25020PI X250 |
SPI Serial E2PROM with Block LockTM Protection SPI串行E2PROM的保护与块LockTM Solid State Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:125A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:280Vrms; Output Voltage Min:24Vrms; Control Voltage Max:3VDC; Control Voltage Min:32VDC; Load Current Max:110A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes Solid State Relay; Output Device:SCR; Output Voltage Max:660Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:90A; Switching:Zero Cross; Relay Options:Indicator Light RoHS Compliant: Yes
|
Hitachi,Ltd. XICOR[Xicor Inc.]
|
EPF8282ATC100-2 EPF8282ALC84-4 |
Flex 8000 Device Family
|
Altera Corporation
|
EP20K200EBC356-1 |
Apex 20KE Device Family
|
Altera Corporation
|
EPF6024A EPF6010A |
Programmable Logic Device Family
|
Altera Corporation
|
ACEX1 EP1K10 EP1K100 EP1K30 EP1K50 |
Programmable Logic Device Family
|
Altera Corporation
|